Part Number Hot Search : 
W6612 M29W004B DBLS207G P4SMAJ43 10150 KBU600 TFS140 SS3144
Product Description
Full Text Search
 

To Download BCM4500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM4500
PRODUCT
(R)
Brief
OF BENEFITS
A D VA N C E D M O D U L AT I O N S AT E L L I T E R E C E I V E R
BCM4500 FEATURES SUMMARY
* All-digital satellite receiver
* Advanced modulation turbo FEC decoder
* 256-kilobaud to 30-megabaud variable rate receiver * Supports BPSK, QPSK, 8PSK, & 16QAM modulation * Dual integrated 7-bit A/D converters * Digital square-root Nyquist filters (=0.2, 0.35) * All-digital clock and carrier recovery * 12-tap adaptive equalizer * High performance decoder approaches constrained capacity theoretical limits * Supports QPSK rates 1/4, 1/2 and 3/4 * 8PSK flexible code rate support including 2/3, 3/4, 5/6 and 8/9 * Supports 16QAM rate 3/4 * No external RAM support required * Reed-Solomon decoder; t=10
(R) TM
* Highly integrated solution provides universal frontend for
advanced modulation satellite systems and legacy QPSK systems in a single package.
* High-performance turbo code FEC enables 50%
throughput increase over existing satellite channels within current link budgets within a single transponder.
design * AdvancedFEC. architecture requires no external RAM for turbo maintains * Advanced modulation receiveroperation. robust performance during low SNR 256-kilobaud to * Full variable rate operation fromoperating points for 30-megabaud provides multiple optimal system deployment. microcontroller controls * Integratedconfiguration, acquisitionreceiver operations including and performance monitoring.
* Complies with DVB/DIRECTV /Digicipher II FEC decoder MPEG-2 or DIRECTV output interface with output clock * PLL * On-chip microcontroller for acquisition and tracking * On-chip BERT for BER testing * Integrated DiSEqC (v2.0) transmitter and receiver * 128-pin PQFP * 3.3V I/O and analog operation * 1.8V digital operation
(R) TM
* Host interface operates via high-level application program interface (API) to reduce host software development time
and to simplify system integration. interface with PLL* MPEG-2 or DIRECTV outputglueless integration with generated data clock provides
(R)
BCM7020 HD graphics and video subsystem. Highly integrated DiSEqC * analog components.
TM
interface includes integrated
Advanced Modulation Satellite Receiver Set-top Box
Memory
Conditional Access
BCM7020
HD Video Audio
BCM4500
Advanced Modulation Satellite Receiver
L-band
BCM3440 SatelliteTuner
HDTV MPEG-2 Transport DEMUX, Audio/ Video Decoder and Display Engine
Host CPU
BCM4500
OVERVIEW
Functional Block Diagram
RA_I
A/D
7 Phase/ Frequency Recovery 7 Variable Rate Demod
Nyquist
a = 0.20, 0.35 12-tap FFE
Block Header Processor
Iterative Decoder
Outer RS Decoder t=10
RA_Q
A/D
Nyquist
a = 0.20, 0.35 Viterbi Decoder Sync & Deinterleaver RS Decoder
M U X
DATA[7:0] CLK VALID SYNC ERR
AGC_CTRL
Acquisition/Tracking Loops and Clock Generation
Acquisition Microcontroller
MBus/SPI Interface
MICRO[4:0]
DISEQC
DiSEqC 2.0
The BCM4500 brings a new level of performance to the satellite television industry with the introduction of an integrated advanced modulation receiver and turbo FEC decoder. This breakthrough design provides 50% more throughput in the same satellite bandwidth at standard QPSK operating points while simultaneously improving BER performance beyond existing levels. A high performance turbo FEC code is implemented with all required on-chip RAM to move system operating points near the theoretical capacity limits. A Reed-Solomon outer code is also used to drive the BER beyond typical satellite 10E-11 limits. The BCM4500 is a single-chip digital satellite receiver supporting BPSK, QPSK, 8PSK and 16QAM modulations with iteratively (turbo) decoded error correction coding. It represents an industry milestone in terms of satellite system throughput and operating points. The BCM4500 also receives DVB, DIRECTV(R) and DigicipherTM II (DCII), QPSK signals to support legacy system operation. The BCM4500 contains dual 7-bit A/D converters, an all-digital variable rate BPSK/QPSK/8PSK/16QAM receiver, an
advanced modulation turbo FEC decoder, and a DVB/DIRECTV/DCII compliant FEC decoder. All required RAM is integrated and all required clocks are generated on-chip from a single reference crystal. Baseband IQ analog waveforms are sampled by the integrated 7-bit A/D converters, resampled by integrated interpolative digital filter banks, and filtered by dual square-root Nyquist filters. Optimized soft decisions are then fed into either a DVB/DIRECTV/DCII-compliant FEC decoder, or an advanced modulation turbo decoder. The final error-corrected output is delivered in MPEG-2 or DIRECTV transport format. The output clock is generated by an on-chip PLL for low-jitter operation and glueless integration with Broadcom's BCM7020 HD graphics and video subsystem. The BCM4500 also features a simplified user interface employing an on-chip microcontroller for all system configuration, acquisition, control, and monitoring functions. The host interface to the device is via a simplified, high-level application programmer interface (API). The chip also contains an integrated DiSEqCTM 2.0 controller with integrated voltage regulator for two-way communication with LNBs. An on-chip BERT is provided to simplify system test and manufacturing.
Broadcom(R), the Pulse logo(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. DigicipherTM is a trademark of General Instrument (now Motorola). DIRECTV(R) is a registered trademark of DIRECTV, INC., a unit of Hughes Electronics Corporation. DiSEqCTM is a trademark of EUTELSAT. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 4500-PB05-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM4500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X